PART |
Description |
Maker |
RCKHR02A-0810KB RCKHR02-0310KB RCKHR02-0310KC RCKH |
High Precision Bulk Metal? Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011 High Precision Bulk Metal庐 Foil with Tolerance of 卤 0.005 % and Qualified to ESA Specification 4001/011 High Precision Bulk Metal㈢ Foil with Tolerance of 【 0.005 % and Qualified to ESA Specification 4001/011
|
Vishay Siliconix
|
VSH Y090312K7560A0B Y090312K7560A9B Y090312K7560B0 |
Bulk Metal㈢ Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 【 0.01 % and Load Life Bulk Metal? Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life Bulk Metal庐 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 卤 0.01 % and Load Life Bulk Metal垄莽 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 隆戮 0.01 % and Load Life
|
Vishay Siliconix
|
RCK02AHR RCK02HR |
Very High Precision, Stability & Reliability Bulk Metal Foil Resistors
|
Vishay
|
MAX6126A21 MAX6126-10 MAX6126AASA21 |
Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
|
Maxim Integrated Products Maxim Integrated Produc...
|
Y0020100M250T0L Y0020100R250T0L Y0021100K250T0L Y0 |
Bulk Metal㈢ Foil Technology Industrial Precision Resistors with TCR of 【 4 ppm/∑C and Tolerance of 【 0.01 % Bulk Metal? Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 % Bulk Metal庐 Foil Technology Industrial Precision Resistors with TCR of 卤 4 ppm/掳C and Tolerance of 卤 0.01 % Bulk Metal垄莽 Foil Technology Industrial Precision Resistors with TCR of 隆戮 4 ppm/隆?C and Tolerance of 隆戮 0.01 %
|
Vishay Siliconix
|
AIC1680 AIC1680-C16CU AIC1680-C16CV AIC1680-C16CX |
CAP 3.3UF 50V 10% X7R AXIAL BULK R-MIL-PRF-39014 CAP 68PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 1000PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 1200PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 180PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 33PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 47PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 680PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 560PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CMOS Hex Non-Inverting Buffer/Converter 16-PDIP -55 to 125 Ultra Low Power Voltage Detector 超低功耗电压检测器 CAP 27PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 超低功耗电压检测器 CAP 56PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 超低功耗电压检测器 CAP 1000PF 100V 20% X7R AXIAL BULK S-MIL-PRF-39014 超低功耗电压检测器
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
1240P500R00JKB 1240W500R00JKB 1240X500R00JKB 1240W |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to
|
Vishay Siliconix
|
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
LT1128AMJ8 LT1028MJ8 LT1128MJ8 LT1028CJ8 LT1028ACJ |
Octal Buffers/Line Drivers with 3-State Outputs 20-SSOP 0 to 70 Ultra Low Noise Precision High Speed Op Amps OP-AMP, 180 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8 Ultra Low Noise Precision High Speed Op Amps OP-AMP, 180 uV OFFSET-MAX, 20 MHz BAND WIDTH, CDIP8 Ultra Low Noise Precision High Speed Op Amps OP-AMP, 125 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8 JT 15C 14#20 1#16 SKT WALL REC OP-AMP, 80 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8
|
Linear Technology Corporation Linear Technology, Corp.
|
200 VC201T0R0050BB VC202T0R0050BB VC232T0R0050BB V |
Bulk Metal㈢ Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/∑C and values down to 5 mヘ Bulk Metal? Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ Bulk Metal垄莽 Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/隆?C and values down to 5 m楼?
|
Vishay Siliconix
|
LT1028CN8PBF |
Ultra Low Noise Precision High Speed Op Amps
|
Linear Technology
|